|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
APM2323A P-Channel Enhancement Mode MOSFET Features * -20V/-1.5A , RDS(ON)=130m(typ.) @ VGS=-4.5V RDS(ON)=170m(typ.) @ VGS=-2.5V Pin Description D * * * G S Super High Dense Cell Design Reliable and Rugged Lead Free Available (RoHS Compliant) Top View of SOT-23 S Applications * Power Management in Notebook Computer, Portable Equipment and Battery Powered Systems D G P-Channel MOSFET Ordering and Marking Information APM2323 Lead Free Code Handling Code Tem p. Range Package Code Package Code A : SOT-23 Operating Junction Tem p. Range C : -55 to 150C Handling Code TR : Tape & Reel Lead Free Code L : Lead Free Dev ice Blank : Original Dev ice XXXXX - Date Code APM2323A : M23X Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte in plate termination finish; which are fully compliant with RoHS and compatible with both SnPb and lead-free soldiering operations. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J STD-020C for MSL classification at lead-free peak reflow temperature. ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise customers to obtain the latest version of relevant information to verify before placing orders. Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005 1 www.anpec.com.tw APM2323A Absolute Maximum Ratings Symbol VDSS VGSS ID* IDM* IS* TJ TSTG PD* RJA* Note: *Surface Mounted on 1in2 pad area, t (TA = 25C unless otherwise noted) Parameter Drain-Source Voltage Gate-Source Voltage Continuous Drain Current 300s Pulsed Drain Current Diode Continuous Forward Current Maximum Junction Temperature Storage Temperature Range Maximum Power Dissipation Thermal Resistance-Junction to Ambient TA=25C TA=100C VGS=-4.5V Rating -20 10 -1.5 -6 -1 150 -55 to 150 0.83 0.3 150 Unit V A A C W C/W 10sec. (TA = 25C unless otherwise noted) APM2323A Min. Typ. Max. Electrical Characteristics Symbol Parameter Test Condition Unit Static Characteristics BVDSS Drain-Source Breakdown Voltage VGS=0V, IDS=-250A IDSS VGS(th) IGSS RDS(ON) VSD a a -20 -1 -30 -0.45 -0.7 130 170 -0.7 4 -1 100 170 220 -1.3 6 V A V nA m V Zero Gate Voltage Drain Current Gate Threshold Voltage Gate Leakage Current Drain-Source On-state Resistance Diode Forward Voltage b VDS=-16V, VGS=0V TJ=85C VDS=VGS, IDS=-250A VGS=10V, VDS=0V VGS=-4.5V, IDS=-1.5A VGS=-2.5V, IDS=-1A ISD=-1A, VGS=0V Gate Charge Characteristics Qg Total Gate Charge Qgs Qgd Gate-Drain Charge Gate-Source Charge VDS=-10V, VGS=-4.5V, IDS=-1.5A 0.6 0.7 nC Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005 2 www.anpec.com.tw APM2323A Electrical Characteristics (Cont.) Symbol Parameter b (TA = 25C unless otherwise noted) APM2323A Min. Typ. Max. Test Condition Unit Dynamic Characteristics RG Gate Resistance Ciss Coss Crss td(ON) Tr td(OFF) Tf Notes: VGS=0V,VDS=0V,F=1MHz VGS=0V, VDS=-20V, Frequency=1.0MHz 12 255 70 45 6 10 12 15 10 8 9.8 5 pF Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-on Delay Time Turn-on Rise Time Turn-off Delay Time Turn-off Fall Time VDD=-10V, RL=10, IDS=1A, VGEN=-4.5V, RG=6 ns a : Pulse test ; pulse width300s, duty cycle2%. b : Guaranteed by design, not subject to production testing. Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005 3 www.anpec.com.tw APM2323A Typical Characteristics Power Dissipation 1.0 2.0 Drain Current 0.8 1.6 0.6 -ID - Drain Current (A) Ptot - Power (W) 1.2 0.4 0.8 0.2 o 0.4 TA=25 C, VG=4.5V 60 80 100 120 140 160 0.0 0 20 40 60 80 100 120 140 160 o 0.0 TA=25 C 0 20 40 Tj - Junction Temperature (C) Tj - Junction Temperature (C) Safe Operation Area 20 10 2 Thermal Transient Impedance Normalized Transient Thermal Resistance 1 Duty = 0.5 -ID - Drain Current (A) Rd s( on )L im it 300s 1ms 10ms 100ms 1s DC 1 0.2 0.1 0.1 0.05 0.02 0.01 Single Pulse Mounted on 1in pad o RJA : 150 C/W 2 0.1 TA=25 C 0.01 0.01 0.1 o 1 10 100 0.01 1E-4 1E-3 0.01 0.1 1 10 30 -VDS - Drain - Source Voltage (V) Square Wave Pulse Duration (sec) Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005 4 www.anpec.com.tw APM2323A Typical Characteristics (Cont.) Output Characteristics 8 VGS= -3,-4,-5,-6,-7,-8,-9,-10V 7 0.25 0.30 Drain-Source On Resistance 6 RDS(ON) - On - Resistance () -ID - Drain Current (A) 0.20 VGS= -2.5V 5 4 3 2 1 0 0.0 -2V 0.15 VGS= -4.5V 0.10 0.05 0.00 0.5 1.0 1.5 2.0 2.5 3.0 0 1 2 3 4 5 6 -VDS - Drain - Source Voltage (V) -ID - Drain Current (A) Transfer Characteristics 6 1.8 1.6 Tj=-55 C o Gate Threshold Voltage IDS = -250A Normalized Threshold Voltage 5 1.4 1.2 1.0 0.8 0.6 0.4 0.2 -ID - Drain Current (A) 4 Tj=25 C Tj=125 C o o 3 2 1 0 0.0 0.4 0.8 1.2 1.6 2.0 2.4 2.8 3.2 0.0 -50 -25 0 25 50 75 100 125 150 -VGS - Gate - Source Voltage (V) Tj - Junction Temperature (C) Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005 5 www.anpec.com.tw APM2323A Typical Characteristics (Cont.) Drain-Source On Resistance 1.8 VGS = -4.5V 1.6 IDS = -1.5A Tj=150 C o Source-Drain Diode Forward 6 Normalized On Resistance 1.4 1.2 1.0 0.8 0.6 0.4 0.2 0.0 -50 -25 RON@Tj=25 C: 135m 0 25 50 75 100 125 150 o -IS - Source Current (A) 1 Tj=25 C o 0.1 0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 Tj - Junction Temperature (C) -VSD - Source - Drain Voltage (V) Capacitance 500 Frequency=1MHz 5 VDS=-10 V IDS=-1.5 A Gate Charge -VGS - Gate-source Voltage (V) 20 400 4 C - Capacitance (pF) 300 Ciss 200 3 2 100 Crss 0 Coss 1 0 4 8 12 16 0 0 1 2 3 4 5 -VDS - Drain - Source Voltage (V) QG - Gate Charge (nC) Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005 6 www.anpec.com.tw APM2323A Packaging Information SOT-23 D B 3 E 1 2 H e A A1 L C Dim A A1 B C D E e H L Millimeters Min. 1.00 0.00 0.35 0.10 2.70 1.40 1.90/2.1 BSC. 2.40 0.37 3.00 Max. 1.30 0.10 0.51 0.25 3.10 1.80 Inches Min. Max. 0.039 0.051 0.000 0.004 0.014 0.020 0.004 0.010 0.106 0.122 0.055 0.071 0.075/0.083 BSC. 0.094 0.118 0.015 Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005 7 www.anpec.com.tw APM2323A Physical Specifications Terminal Material Lead Solderability Solder-Plated Copper (Solder Material : 90/10 or 63/37 SnPb), 100%Sn Meets EIA Specification RSI86-91, ANSI/J-STD-002 Category 3. Reflow Condition TP (IR/Convection or VPR Reflow) tp C ritical Zone T L to T P R am p-up T e m p e ra tu re TL T sm ax tL T sm in R am p-down ts Preheat 25 t 25 C to Peak T im e Classificatin Reflow Profiles Profile Feature Sn-Pb Eutectic Assembly Large Body Small Body Pb-Free Assembly Large Body Small Body 3C/second max. 150C 200C 60-180 seconds 3C/second max 217C 60-150 seconds 245 +0/-5C 250 +0/-5C 10-30 seconds 20-40 seconds Average ramp-up rate 3C/second max. (TL to TP) Preheat - Temperature Min (Tsmin) 100C - Temperature Mix (Tsmax) 150C - Time (min to max)(ts) 60-120 seconds Tsmax to TL - Ramp-up Rate Tsmax to TL - Temperature(TL) 183C - Time (tL) 60-150 seconds Peak Temperature(Tp) 225 +0/-5C 240 +0/-5C Time within 5C of actual Peak 10-30 seconds 10-30 seconds Temperature(tp) Ramp-down Rate 6C/second max. 6 minutes max. Time 25C to Peak Temperature Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005 8 6C/second max. 8 minutes max. www.anpec.com.tw Note: All temperatures refer to topside of the package. Measured on the body surface. APM2323A Reliability Test Program Test item SOLDERABILITY HOLT PCT TST Method MIL-STD-883D-2003 MIL-STD 883D-1005.7 JESD-22-B, A102 MIL-STD 883D-1011.9 Description 245C,5 SEC 1000 Hrs Bias @ 125C 168 Hrs, 100% RH, 121C -65C ~ 150C, 200 Cycles Carrier Tape & Reel Dimensions t E Po P P1 D F W Bo Ao D1 T2 Ko J C A B T1 Application A 1781 B 60 1.0 D 1.5 +0.1 C 12.0 D1 0.1MIN J T1 T2 1.4 Ao 3.1 W 8.0+ 0.3 - 0.3 Bo 3.0 P 4.0 Ko 1.3 E 1.75 t 0.20.03 2.5 0.15 9.0 0.5 Po 4.0 P1 2.0 0.05 SOT- 23 F 3.5 0.05 (mm) Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005 9 www.anpec.com.tw APM2323A Cover Tape Dimensions Application SOT-23 Carrier Width 8 Cover Tape Width 5.3 Devices Per Reel 3000 Customer Service Anpec Electronics Corp. Head Office : 5F, No. 2 Li-Hsin Road, SBIP, Hsin-Chu, Taiwan, R.O.C. Tel : 886-3-5642000 Fax : 886-3-5642050 Taipei Branch : 7F, No. 137, Lane 235, Pac Chiao Rd., Hsin Tien City, Taipei Hsien, Taiwan, R. O. C. Tel : 886-2-89191368 Fax : 886-2-89191369 Copyright ANPEC Electronics Corp. Rev. B.2 - Mar., 2005 10 www.anpec.com.tw |
Price & Availability of APM2323A |